Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download GSOT12-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 85807 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 2.0, 22-jul-10 1 single-line esd-protection in sot-23 gsot03 to gsot36 vishay semiconductors marking (example only) yyy = type code (see table below) xx = date code features ? single-line esd-protection device ? esd-protection acc. iec 61000-4-2 30 kv contact discharge 30 kv air discharge ? space saving sot-23 package ? aec-q101 qualified ?e3 - sn ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec 20421 1 2 3 20512 1 20357 yyy xx xx ordering information device name environmental status ordering code taped units per reel (8 mm tape on 7" reel) minimum order quantity gsot03 standard gsot03-gs08 3000 15 000 green gsot03-v-g-08 gsot04 standard gsot04-gs08 3000 15 000 green gsot04-v-g-08 gsot05 standard gsot05-gs08 3000 15 000 green gsot05-v-g-08 gsot08 standard gsot08-gs08 3000 15 000 green gsot08-v-g-08 gsot12 standard GSOT12-GS08 3000 15 000 green gsot12-v-g-08 gsot15 standard gsot15-gs08 3000 15 000 green gsot15-v-g-08 gsot24 standard gsot24-gs08 3000 15 000 green gsot24-v-g-08 gsot36 standard gsot36-gs08 3000 15 000 green gsot36-v-g-08 ** please see document vishay material category policy: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 85807 2 rev. 2.0, 22-jul-10 gsot03 to gsot36 vishay semiconductors single-line esd-protection in sot-23 package data device name package name type code environmental status weight molding compound flammability rating moisture sensitivity level soldering conditions gsot03 sot-23 03 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 03g green 8.1 mg gsot04 sot-23 04 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 04g green 8.1 mg gsot05 sot-23 05 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 05g green 8.1 mg gsot08 sot-23 08 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 08g green 8.1 mg gsot12 sot-23 12 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 12g green 8.1 mg gsot15 sot-23 15 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 15g green 8.1 mg gsot24 sot-23 24 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 24g green 8.1 mg gsot36 sot-23 36 standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 36g green 8.1 mg absolute maximum ratings gsot03 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 30 a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 369 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c absolute maximum ratings gsot04 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 30 a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 429 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c
document number: 85807 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 2.0, 22-jul-10 3 gsot03 to gsot36 single-line esd-protection in sot-23 vishay semiconductors absolute maximum ratings gsot05 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 30 a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 480 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c absolute maximum ratings gsot08 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 18 a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 345 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c absolute maximum ratings gsot12 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 12 a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 312 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c absolute maximum ratings gsot15 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 8a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 230 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c absolute maximum ratings gsot24 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 5a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 235 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 85807 4 rev. 2.0, 22-jul-10 gsot03 to gsot36 vishay semiconductors single-line esd-protection in sot-23 bias-mode (1-line bidirectional asymme trical protection mode) with the gsotxx one signal- or data-lines (l1) can be prote cted against voltage transients. with pin 1 connected to ground and pin 3 connected to a signal- or data-line which has to be protected. as long as the voltage level on the data- or signal-li ne is between 0 v (ground level) and the spec ified maximum reverse working voltage (v rwm ) the protection diode between pin 1 and pin 3 offer a high isolation to the ground line. the protection device behaves like an open switch. as soon as any positive transient voltage signal exceeds the break through voltage level of th e protection diode, the diode becomes conductive and shorts the transien t current to ground. now the protection de vice behaves like a closed switch. the clamping voltage (v c ) is defined by the br eakthrough voltage (v br ) level plus the voltage drop at the series impedance (resistance and inductance) of the protection device. any negative transient signal w ill be clamped accordingly. the negative transien t current is flowing in the forward direction o f the protection diode. the low forward voltage (v f ) clamps the negative transient close to the ground level. due to the different clamping levels in forward and reverse direction the gsotxx clamping behaviour is bidirectional and asymmetrical (bias). note ? bias mode (between pin 3 and pin 1) absolute maximum ratings gsot36 parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot i ppm 3.5 a peak pulse power pin 3 to 1 acc. iec 61000-4-5, t p = 8/20 s; single shot p pp 248 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperature junction temperature t j - 40 to + 125 c storage temperature t stg - 55 to + 150 c 20422 l1 1 2 3 ground bias electrical characteristics gsot03 parameter test conditions/remarks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 100 a v rwm 3.3 - - v reverse current at v r = 3.3 v i r --100a reverse breakdown voltage at i r = 1 ma v br 44.6- v reverse clamping voltage at i pp = 1 a v c -5.77.5v at i pp = i ppm = 30 a - 10 12.3 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 30 a - 4.5 - v capacitance at v r = 0 v; f = 1 mhz c d - 420 600 pf at v r = 1.6 v; f = 1 mhz - 260 - pf
document number: 85807 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 2.0, 22-jul-10 5 gsot03 to gsot36 single-line esd-protection in sot-23 vishay semiconductors note ? bias mode (between pin 3 and pin 1) note ? bias mode (between pin 3 and pin 1) note ? bias mode (between pin 3 and pin 1) electrical characteristics gsot04 parameter test conditions/re marks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 20 a v rwm 4--v reverse current at v r = 4 v i r - - 20 a reverse breakdown voltage at i r = 1 ma v br 56.1- v reverse clamping voltage at i pp = 1 a v c -7.59 v at i pp = i ppm = 30 a - 11.2 14.3 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 30 a - 4.5 - v capacitance at v r = 0 v; f = 1 mhz c d - 310 450 pf at v r = 2 v; f = 1 mhz - 200 - pf electrical characteristics gsot05 parameter test conditions/re marks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 10 a v rwm 5--v reverse current at v r = 5 v i r - - 10 a reverse breakdown voltage at i r = 1 ma v br 66.8- v reverse clamping voltage at i pp = 1 a v c -78.7v at i pp = i ppm = 30 a - 12 16 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 30 a - 4.5 - v capacitance at v r = 0 v; f = 1 mhz c d - 260 350 pf at v r = 2.5 v; f = 1 mhz - 150 - pf electrical characteristics gsot08 parameter test conditions/re marks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 5 a v rwm 8--v reverse current at v r = 8 v i r --5a reverse breakdown voltage at i r = 1 ma v br 910- v reverse clamping voltage at i pp = 1 a v c - 10.7 13 v at i pp = i ppm = 18 a - 15.2 19.2 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 18 a - 3 - v capacitance at v r = 0 v; f = 1 mhz c d - 160 250 pf at v r = 4 v; f = 1 mhz - 80 - pf
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 85807 6 rev. 2.0, 22-jul-10 gsot03 to gsot36 vishay semiconductors single-line esd-protection in sot-23 note ? bias mode (between pin 3 and pin 1) note ? bias mode (between pin 3 and pin 1) note ? bias mode (between pin 3 and pin 1) electrical characteristics gsot12 parameter test conditions/remarks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 1 a v rwm 12 - - v reverse current at v r = 12 v i r --1a reverse breakdown voltage at i r = 1 ma v br 13.5 15 - v reverse clamping voltage at i pp = 1 a v c - 15.4 18.7 v at i pp = i ppm = 12 a - 21.2 26 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 12 a - 2.2 - v capacitance at v r = 0 v; f = 1 mhz c d - 115 150 pf at v r = 6 v; f = 1 mhz - 50 - pf electrical characteristics gsot15 parameter test conditions/remarks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 1 a v rwm 15 - - v reverse current at v r = 15 v i r --1a reverse breakdown voltage at i r = 1 ma v br 16.5 18 - v reverse clamping voltage at i pp = 1 a v c - 19.4 23.5 v at i pp = i ppm = 8 a - 24.8 28.8 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 8 a - 1.8 - v capacitance at v r = 0 v; f = 1 mhz c d -90120pf at v r = 7.5 v; f = 1 mhz - 35 - pf electrical characteristics gsot24 parameter test conditions/remarks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 1 a v rwm 24 - - v reverse current at v r = 24 v i r --1a reverse breakdown voltage at i r = 1 ma v br 27 30 - v reverse clamping voltage at i pp = 1 a v c -3441v at i pp = i ppm = 5 a - 41 47 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 5 a - 1.4 - v capacitance at v r = 0 v; f = 1 mhz c d -6580pf at v r = 12 v; f = 1 mhz - 20 - pf
document number: 85807 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 2.0, 22-jul-10 7 gsot03 to gsot36 single-line esd-protection in sot-23 vishay semiconductors note ? bias mode (between pin 3 and pin 1) package dimensions in millimeters (inches): sot-23 electrical characteristics gsot36 parameter test conditions/re marks symbol min. typ. max. unit protection paths number of li nes which can be protected n channel --1lines reverse working voltage at i r = 1 a v rwm 36 - - v reverse current at v r = 36 v i r --1a reverse breakdown voltage at i r = 1 ma v br 39 43 - v reverse clamping voltage at i pp = 1 a v c -4960v at i pp = i ppm = 3.5 a - 59 71 v forward clamping voltage at i pp = 1 a v f -11.2v at i pp = i ppm = 3.5 a - 1.3 - v capacitance at v r = 0 v; f = 1 mhz c d -5265pf at v r = 18 v; f = 1 mhz - 12 - pf foot print recommendation: rev. 8 - date: 23. s ept.2009 17418 document no.: 6.541-5014.01-4 0.9 (0.035) 1 (0.039) 0.9 (0.035) 1 (0.039) 1.43 (0.056) 0.45 (0.018) 0.35 (0.014) 2.8 (0.110) 3.1 (0.122) 0.45 (0.018) 0.35 (0.014) 0.45 (0.018) 0.35 (0.014) 0.1 (0.004) max. 2.35 (0.093) 2.6 (0.102) 0.175 (0.007) 0.098 (0.004) 1.15 (0.045) 0.9 (0.035) 1.20 (0.047) 0.95 (0.037) 0.95 (0.037) 2 (0.079) 0.7 (0.028) 0.9 (0.035) 0 to 8 0.2 (0.008) 0.3 (0.012) 0.5 (0.020) 0.550 ref. (0.022 ref.)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of GSOT12-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X